PART |
Description |
Maker |
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
0879190001 87919-0001 |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
|
Molex Electronics Ltd.
|
BYS459F-1500 BYS459-1500 BYS459B-1500 |
High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
|
VISAY[Vishay Siliconix]
|
BYS459B-1500S BYS459-1500S BYS459F-1500S BYS459-15 |
10 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC PLASTIC PACKAGE-2 High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 10A Reverse Recovery Time 220ns
|
Vishay Beyschlag VISAY[Vishay Siliconix]
|
GUR5H60 GURF5H60 GURB5H60 |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Voltage 600V, Reverse Recovery Time 30ns
|
VISAY[Vishay Siliconix]
|
FR014H5JZ |
High-Side Reverse Bias / Reverse Polarity Protector With Integrated Over Voltage Transient Suppression
|
Fairchild Semiconductor
|
SMAJ |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
StarHope
|
SMBJ36CA |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
|
Concord Semiconductor Corp
|
XE6216C XC6216 XC6216B XC6216C XE6216 XE6216B |
Voltage Regullators with Stand-by Function-Input Voltage: 30V
|
TOREX[Torex Semiconductor]
|